PART |
Description |
Maker |
UG10DCT-E3-45 BYQ28B-200 BYQ28B-100 |
Dual Common Cathode Ultrafast Rectifier
|
Vishay Siliconix
|
U10DCT-E3_4W UF10DCT-E3_4W UB10DCT-E3_4W UF10CCT U |
Dual Common-Cathode Ultrafast Rectifier
|
Vishay Siliconix
|
UGF18ACT UGF18DCT |
Dual Common-Cathode Ultrafast Plastic Rectifier
|
Vishay Siliconix
|
U20BCT U20DCT U20DCT-E3/4W UB20DCT-E3/4W U20DCT-E3 |
Dual Common-Cathode Ultrafast Plastic Rectifier
|
Vishay Siliconix
|
U16DCT-E3_4W UB16DCT-E3_4W UB16DCT-E3_8W UB16BCT U |
Dual Common-Cathode Ultrafast Plastic Rectifier
|
Vishay Siliconix
|
GI2402 |
(GI2401 - GI2404) Dual Common-Cathode Ultrafast Plastic Rectifier
|
Vishay Siliconix
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
MURB1620CT MURB1620CT-1 MURB1620CTTRL MURB1620CTTR |
200V 16A HEXFRED Common Cathode Diode in a D2-Pak (UltraFast) package 200V 16A HEXFRED Common Cathode Diode in a TO-262 package
|
International Rectifier
|
30CPH03 |
300V 30A Ultra-Fast Common Cathode Diode in a TO-247AC package Ultrafast Rectifier
|
IRF[International Rectifier]
|
HFA16PA60C HFB16PA60C |
600V 16A HEXFRED Common Cathode Diode in a TO-247AC package HEXFREDTM Ultrafast, Soft Recovery Diode Ultrafast/ Soft Recovery Diode
|
IRF[International Rectifier]
|
M37905M6C-XXXSP M37905M8C-XXXSP M37905M6C-XXXFP |
DIO, BAT54C, DUAL SHOTTKEY, COMMON CATHODE, SOT23 DIODE SCHOTTKY DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-23 3K/REEL DIODE SCHOTTKY DUAL-DUAL SERIES 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL
|
Mitsubishi Electric Corporation
|